Part Number Hot Search : 
T041659 UTC3563 D15AA LAS15A06 M28W640 FR204 HF38903M 36410
Product Description
Full Text Search
 

To Download AC10-470K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Axial Coated Inductors
AC10
Dimensions:
Inches (mm)
24AWG
1.15 NOMINAL (29)
0.177 (4.50) MAX.
1.15 NOMINAL (29) 0.110 (2.79) MAX.
Allied Part Number
AC10-R10M-RC AC10-R12M-RC AC10-R15M-RC AC10-R18M-RC AC10-R22M-RC AC10-R27M-RC AC10-R33M-RC AC10-R39M-RC AC10-R47M-RC AC10-R56M-RC AC10-R68M-RC AC10-R82M-RC AC10-1R0M-RC AC10-1R2M-RC AC10-1R5M-RC AC10-1R8M-RC AC10-2R2M-RC AC10-2R7M-RC AC10-3R3K-RC AC10-3R9K-RC AC10-4R7K-RC AC10-5R6K-RC AC10-6R8K-RC AC10-8R2K-RC AC10-100K-RC AC10-120K-RC AC10-150K-RC AC10-180K-RC AC10-220K-RC AC10-270K-RC AC10-330K-RC AC10-390K-RC AC10-470K-RC AC10-560K-RC AC10-680K-RC AC10-820K-RC AC10-101K-RC AC10-121K-RC AC10-151K-RC AC10-181K-RC AC10-221K-RC AC10-271K-RC AC10-331K-RC AC10-391K-RC AC10-471K-RC AC10-561K-RC AC10-681K-RC AC10-821K-RC AC10-102K-RC
Inductance (h)
.10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
Tolerance (%)
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Q Min.
40 40 40 40 40 40 40 50 50 50 50 40 40 30 30 30 30 30 40 40 40 40 40 40 40 40 40 50 50 50 50 50 50 50 50 50 50 50 30 30 30 30 30 30 30 30 30 30 30
Test Freq. (MHz)
25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796
SRF Min. (MHz)
250 230 210 190 175 160 150 150 150 150 120 120 120 100 80 66 60 54 36 32 30 28 27 26 24 22 19 18 17 15 14 12 11 10 9.5 9.0 7.0 6.5 5.5 5.2 4.7 3.5 3.0 2.7 2.6 2.5 2.2 2.1 2.0
DCR Max. ()
0.12 0.14 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.34 0.38 0.43 0.46 0.52 0.57 0.60 0.65 0.73 0.82 0.90 1.00 1.10 1.20 1.30 1.40 1.50 2.30 2.40 2.90 3.00 4.80 5.30 5.80 7.40 8.25 9.50 14.50 16.00 18.50 20.00 22.00 29.00 30.00 32.00 35.00 40.00 42.00 46.00 52.00
Rated Current (mA)
700 600 550 500 450 700 650 600 540 475 425 400 300 175 160 160 145 145 145 100 95 90 80 75 70 65 100 100 80 80 50 45 60 47 42 36 24 35 30 28 25 28 26 25 24 23 22 21 20
Features * Axial leaded type, small light weight design. * Special magnetic core structure contributes to high Q and self resonant frequencies. * Treated with epoxy resin coating for humidity resistance to ensure longer life. * Heat resistant adhesives and special structural design for effective open circuit measurement. Electrical Inductance Range: .027h to 1000h. Tolerance: .027h to 2.7h at 20%, and from 3.3h to 1000h at 10%. All values available in tighter tolerances. Temp. Rise: 20C. Ambient Temp.: 80C. Rated Temp Range: -20 to 100C. Dielectric Withstanding Voltage: 250 Volts R.M.S. Rated Current: Based on temp rise. Mechanical Terminal Tensile Strength: 1.0 kg min. Terminal Bending Strength: .3 kg min. Physical Marking (on reel): Manufacturers n a m e , P a r t n u m b e r, Q u a n t i t y, Marking: 3 band color code. Packaging: 5000 pieces per reel.
All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of AC10-470K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X